Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download SRF1006-502Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  121 1 4 2 3 7.62 0.10 (.300 .004) 7.62 0.10 (.300 .004) 10.00 0.30 (.394 .012) 1.50 (.059) dia. ref. 101y ~ 102y 202y ~ 502y max. 0.30 (.012) min. 8.70 0.30 (.343 .012) 6.22 0.10 (.245 .004) 6.22 0.10 (.245 .004) 6.50 (.256) 1.50 (.059) dia. ref. 8.70 0.30 (.343 .012) features current rating up to 1.4 a inductance range: 120 to 5000 h frequency range to 200 mhz rohs compliant* applications emi suppression srf1006 series - line filter *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications temperature rise .. 45 c at rated current hi-pot 120 - 1000 h ......... 1000 vrms, 60 hz, 3 ma, 1 min. 2000 - 5000 h ......... 300 vrms, 60 hz, 3 ma, 1 min. operating temperature .................................. -40 c to +105 c (temperature rise included) storage temperature .. -40 c to +105 c solderability .................245 c for 5 sec. (jedec j-std-020d) electrical speci cations @ 25 ? part number l ( h) * leakage ind. ( h) max. dcr ( ) max. (each winding) rated voltage (vdc) rated current (a) impedance (z) freq. range (mhz) min. value ( ) srf1006-121y 120 40 % 1.45 0.025 50 1.40 10 - 200 200 srf1006-251y 250 40 % 3.2 0.035 50 1.19 5 - 100 400 srf1006-501y 500 40 % 5.6 0.070 50 0.84 2 - 50 800 srf1006-102y 1000 40 % 12 0.180 50 0.52 1 - 40 1400 srf1006-202y 2000 40 % 0.23 0.270 50 0.40 0.5 - 15 2000 srf1006-302y 3000 40 % 0.26 0.330 50 0.35 0.5 - 10 3000 srf1006-402y 4000 40 % 0.27 0.550 50 0.30 0.5 - 5 4000 srf1006-472y 4700 40 % 0.28 1.000 50 0.25 0.6 - 3 6200 SRF1006-502Y 5000 40 % 0.29 0.620 50 0.25 0.5 - 3 5000 general speci cations core material ................................ferrite base ......................................... phenolic wire ........................... enameled copper terminal coating .................................sn packaging .......800 pcs. per 13-inch reel materials product dimensions recommended layout schematic dimensions: mm (inches) * test condition: 0.1 v, 100 khz how to order srf1006 - 102 y model value code (see table) tolerance code y = 40 % typical part marking asia-paci c: tel: +886-2 2562-4117  fax: +886-2 2562-4116 europe: tel: +41-41 768 5555  fax: +41-41 768 5510 the americas: tel: +1-951 781-5500  fax: +1-951 781-5700 www.bourns.com n2 2 3 1 = polarity 4 n1 121 10.32 (.406) 8.92 (.351) 2.70 (.106) 2.70 (.106)
start 4.0 (.157) 12.0 (.472) end user direction of feed 200 (7.87) no component no component components 400 (15.75) 121 121 121 121 121 30 10 5 1 0.5 0.1 0.05 0.1 1 10 100 300 frequency (mhz) impedance (k ) 472y 502y 402y 302y 202y 102y 501y 251y 121y rf impedance analyzer speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications srf1006 series - line filter impedance graph packaging speci cations qty: 800 pcs. per reel rev. 09/09 dimensions: mm (inches) measuring circuit 24.0 (.945) 26 +0 (1.02 +0) 30.4 (1.20) 2.0 0.5 (.079 .020) 50.0 -0 (1.97 -0) 330 (12.99) dia. 13.0 (.512) dia. 13.0 (.512) dia. 21.0 0.8 (.827 .031)


▲Up To Search▲   

 
Price & Availability of SRF1006-502Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X